PART |
Description |
Maker |
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
ATMEGA48PA-CCU ATMEGA48PA-CCUR ATMEGA168PA-MU ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA32 4 X 4 MM, 0.60 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, UFBGA-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, GREEN, PLASTIC, DIP-28 MCU AVR 8K ISP FLASH MEM 28-DIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28
|
Atmel, Corp. ATMEL CORP
|
PIC10F206-I/MC PIC10F206-I/OT PIC10F206-I/P PIC10F |
6-Pin, 8-Bit Flash Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO6 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP8 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, DSO8
|
Microchip Technology
|
ATMEGA16L-8MUR ATMEGA16-16AU |
8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44
|
Atmel, Corp.
|
STR630FZ1T6 STR635FZ1H6 STR635FZ1T6 STR631FV2T6 |
32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, TQFP-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PBGA144 10 X 10 MM, 1.70 MM HEIGHT, LFBGA-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP100
|
ST Microelectronics STMICROELECTRONICS
|
ADUC7019BCPZ62I-RL ADUC7027BSTZ62-RL ADUC7029BBCZ6 |
32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, QCC40 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PQFP80 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PBGA49 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
ANALOG DEVICES INC
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
PIC12F617T-H_SN PIC12F609-I_MD PIC12F609-I_P PIC12 |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
DSPIC30F3014CT-30I/PT DSPIC30F3014AT-30I/PT DSPIC3 |
16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-44 16-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44
|
Microchip Technology, Inc.
|
MPC565CZP40 MPC566MZP56 MPC565MZP56 MPC566 MPC566M |
32-BIT, FLASH, 56 MHz, RISC MICROCONTROLLER, PBGA388 RISC MCU with Code Compression Option
|
FREESCALE SEMICONDUCTOR INC MOTOROLA INC MOTOROLA[Motorola, Inc]
|
STM32F103ZGT6XXX STM32F103VGT6TR |
32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
STMICROELECTRONICS
|
|